Part Number Hot Search : 
P2504 PFS704 CXA13 100LS PT3642 30LT1 AA100 AT24C128
Product Description
Full Text Search
 

To Download BXMF1020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  frequency range receive gain cal path gain noise figure 1 db compression single-tone spurious free dynamic range phase tracking delta (electrical degrees) amplitude tracking (channel to channel) out of band rejection reverse isolation channel to channel isolation switching speed (50% ttl to 90% / 10% rf) vswr switching isolation (on to off) dc power housing size rf connectors operating case temp. (min./max. values) 2000 to 8000 mhz 13 db 21 db 9 db +9 dbm 45 db 12 o at any frequency 2 db variation between channels 30 db 40 db 60 db 200 nsec 2.0:1 50 db +6.5v / 525 ma, +3.3v / 250 ma, -15v / 50 2000 to 8000 mhz - - - - - - - - - - - - - 5.0 ? x 3.0 ? x 0.65 ? field replaceable sma connectors -40 c to +85 c spectrum microwave offers state-of-the-art multi-channel ampli ers used in demanding military frequency calibration systems. these 2, 3, and 4 channel modules are all phase matched, amplitude matched and offer both single and multiple path logic. these units al low the engineer to either distribute an ampli ed signal to multiple ports, or measure the ampli ed output from up to 4 auxiliary ports. storage temperature operating temperature dc voltage @ 25 c input drive @ 25 c features ? phase matched ? amplitude matched ? built-in input drive protection ? high channel to channel isolation ? 4 channel design switched multi-channel ampli er 2000-8000 mhz model BXMF1020 parameter typical min./max. spectrum microwave, inc. ? ph: 888.553.7531 ? fax: 888.553.7532 ? email: sales@spectrummicrowave.com ? www.spectrummicrowave.co m maximum (no damage) ratings -65 c to +125 c -55 c to +100 c +/- 20 vdc +20 dbm


▲Up To Search▲   

 
Price & Availability of BXMF1020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X